Part Number Hot Search : 
AIC1622 D10SBS4 FEP16ATA MBZ5222B EL5250 2805D SC1154 10M8B
Product Description
Full Text Search
 

To Download RO2101A-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-9148 e-mail: info@rfm.com page 1 of 2 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. RO2101A-11-032201 electrical characteristics characteristic sym notes minimum typical maximum units center frequency (+25 c) absolute frequency f c 2,3,4,5 433.820 434.020 mhz tolerance from 433.920 mhz d f c 100 khz insertion loss il 2,5,6 1.1 2.0 db quality factor unloaded q q u 5,6,7 14,300 50 w loaded q q l 1,700 temperature stability turnover temperature t o 6,7,8 10 25 40 c turnover frequency f o f c frequency temperature coefficient ftc 0.032 ppm/c 2 frequency aging absolute value during the first year |f a | 1 50 ppm/yr dc insulation resistance between any two terminals 5 1.0 m w rf equivalent rlc model motional resistance r m 5, 7, 9 13 26 w motional inductance l m 69.4594 h motional capacitance c m 1.93682 ff shunt static capacitance c o 5, 6, 9 1.5 1.8 2.1 pf test fixture shunt inductance l test 2, 7 75 nh lid symbolization (in addition to lot and/or date codes) 277 ? ideal for european 433.92mhz transmitters ? very low series resistance ? quartz stability ? surface-mount ceramic case with 21 mm 2 footprint the RO2101A-11 is a true one-port, surface-acoustic-wave (saw) resonator in a surface-mount, ceramic case. it provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at 433.92mhz. this resonator is designed specifically for remote-control and wireless security transmitters operating in europe under etsi i-ets 300 220. absolute maximum ratings rating value units cw rf power dissipation (see: typical test circuit) +0 dbm dc voltage between terminals (observe esd precautions) 30 vdc case temperature -40 to +105 c soldering temperature +250 c 433.92 mhz saw resonator RO2101A-11 caution: electrostatic sensitive device. observe precautions for handling. notes: 1. frequency aging is the change in f c with time and is specified at +65c or less. aging may exceed the specification for prolonged temperatures above +65c. typically, aging is greatest the first year after manufacture, decreasing in subse- quent years. 2. the center frequency, f c , is measured at the minimum insertion loss point, il min , with the resonator in the 50 w test system (vswr 1.2:1). the shunt inductance, l test , is tuned for parallel resonance with c o at f c . typically, f os- cillator or f transmitter is approximately equal to the resonator f c . 3. one or more of the following united states patents apply: 4,454,488 and 4,616,197. 4. typically, equipment utilizing this device requires emissions testing and govern- ment approval, which is the responsibility of the equipment manufacturer. 5. unless noted otherwise, case temperature t c =+25c2c. 6. the design, manufacturing process, and specifications of this device are subject to change without notice. 7. derived mathematically from one or more of the following directly measured parameters: f c , il, 3db bandwidth, f c versus t c , and c o . 8. turnover temperature, t o , is the temperature of maximum (or turnover) fre- quency, f o . the nominal frequency at any case temperature, t c , may be calcu- lated from: f=f o [1-ftc(t o -t c ) 2 ]. typically oscillator t o is approximately equal to the specified resonator t o . 9. this equivalent rlc model approximates resonator performance near the reso- nant frequency and is provided for reference only. the capacitance c o is the static (nonmotional) capacitance between the two terminals measured at low frequency (10mhz) with a capacitance meter. the measurement includes para- sitic capacitance with "nc? pads unconnected. case parasitic capacitance is approximately 0.05pf. transducer parallel capacitance can by calculated as: c p ? c o -0.05pf. sm-2 case
433.92 mhz saw resonator rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-9148 e-mail: info@rfm.com page 2 of 2 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. RO2101A-11-032201 electrical connections the saw resonator is bidirectional and may be in- stalled with either orientation. the two terminals are interchangeable and unnumbered. the callout nc indicates no internal connection. the nc pads assist with mechanical positioning and stability. external grounding of the nc pads is recommend- ed to help reduce parasitic capacitance in the cir- cuit. typical test circuit the test circuit inductor, l test , is tuned to resonate with the static capaci- tance, c o , at f c . typical application circuits equivalent lc mode l temperature characteristics the curve shown on the right accounts for resonator contri- bution only and does not in- clude lc component tempera- ture contributions . typical circuit board land pattern the circuit board land pattern shown below is one possible design. the op- timum land pattern is dependent on the circuit board assembly process which varies by manufacturer. the distance between adjacent land edges should be at a maximum to minimize parasitic capacitance. trace lengths from terminal lands to other components should be short and wide to mini- mize parasitic series inductances. case design the case material is black alumina with contrasting symbolization. all pads are nominally centered with respect to the base and consist of 60 to 100 mi- croinches (min) electroless gold on 50 micorinches (min) electroless nickel. nc nc terminal terminal from 50 w network analyzer network analyzer to 50 w electrical test +9vdc 47 rf bypass l1 (antenna) c1 c2 200k w modulation input roxxxxa bottom view 470 typical low-power transmitter application rf bypass l1 c1 c2 roxxxxa bottom view typical local oscillator application +vdc +vdc output dimensions millimeters inches min max min max a 5.97 0.235 b 3.94 0.155 c 2.16 0.085 d 0.94 1.10 0.037 0.043 e 0.83 1.20 0.033 0.047 f 1.16 1.53 0.046 0.060 g 0.94 1.10 0.037 0.043 h 0.43 0.59 0.017 0.023 k 0.43 0.59 0.17 0.023 m 5.31 0.209 n 0.38 0.64 0.015 0.025 p 3.28 0.129 0.05 pf* 0.05 pf c p c o + = *case parasitics c p rm lm cm -80 -60 -40 -20 0 +20 +40 +60 0 -50 -100 -150 +80 -200 0 -50 -100 -150 -200 f c = f o , t c = t o d t = t c - t o ( c ) (f-f o o ) / f (ppm) typical dimension: 0.010 to 0.047 inch (0.25 to 1.20 mm) (4 places)


▲Up To Search▲   

 
Price & Availability of RO2101A-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X